PART |
Description |
Maker |
521115-2 |
Timer Connectors; TIMER CON 24P SIDE LAT HSG NAT ( AMP )
|
Tyco Electronics
|
MC14536BDWR2G MC14536BFELG |
Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16
|
Rectron Semiconductor
|
ICM7240IPE |
8-Bit Binary, Programmable, RC Timer Counter PULSE; RECTANGULAR, TIMER, PDIP16
|
Maxim Integrated Products, Inc.
|
STWD100 STWD100NPW83E STWD100NPW83F STWD100NPWY3E |
PROGRAMMABLE TIMER, PDSO5 Watchdog timer circuit
|
STMicroelectronics
|
TP82C54 |
3 TIMER(S), PROGRAMMABLE TIMER, PDIP24 DIP-24
|
Intel, Corp.
|
ST52440F3 ST52440G3 |
8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
|
ST Microelectronics
|
H3YN-41-Z H3YN-2-Z H3YN-21 H3YN-21-Z H3YN-4-Z OMRO |
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes) 固态定时器(小型定时器多时间和多种经营模式
|
Omron Electronics, LLC
|
CA82C54-10ED |
3 TIMER(S), PROGRAMMABLE TIMER, CDIP24
|
NEWBRIDGE MICROSYSTEMS
|
HCF4536 HCF4536B_02 HCF4536B HCF4536BEY HCF4536B02 |
PROGRAMMABLE TIMER PROGAMMABLE TIMER PROGAMMABLE TIMER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91 |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
ATMEL Corporation
|
|